PART |
Description |
Maker |
MCSOH/AE40.6MHZ MCSOH/AE131.072MHZ MCSOH/AE32.768M |
CRYSTAL OSCILLATOR, CLOCK, 40.6 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 131.072 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 32.768 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 132.7104 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 22.1184 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 144 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 40.96 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 100 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 44.2368 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 102.4 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 48 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 150 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 104 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 25 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 40 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 49.152 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 24 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 36.864 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 160 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 60.9 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 32 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 66.3552 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 16 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 10 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 12.288 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 10.15 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 18.432 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 14.7456 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 96 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 72 MHz, CMOS/LSTTL OUTPUT
|
Golledge Electronics, Ltd. GOLLEDGE ELECTRONICS LTD
|
MC14504B MC14504BCP MC14504BD MC14504BDR2 MC14504B |
Hex Level Shifter for TTL to CMOS or COMS to CMOS HEX TTL/CMOS TO CMOS TRANSLATOR, TRUE OUTPUT, PDSO16
|
ONSEMI[ON Semiconductor]
|
CD4043BMS CD4043BMSH CD4044BMS CD4044BMSH FN3311 C |
Single 100Mbps Digital Isolator with Enable 8-SOIC -40 to 125 CMOS Quad Clocked “DLatch R/S Latches, Tri-State, Quad, Rad-Hard, CMOS, Logic CMOS Quad Clocked “D” Latch From old datasheet system CMOS Quad 3 State R/S Latches CMOS Quad Clocked D Latch CMOS Quad Clocked “D Latch
|
INTERSIL[Intersil Corporation]
|
MC14504B-D |
Hex Level Shifter for TTL to CMOS or CMOS to CMOS
|
ON Semiconductor
|
M38037M6-122FP M38037M6-133FP M38037M6-154FP M3803 |
RAM size: 2048bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes single chip 8-bit CMOS microcomputer RAM size: 768bytes single chip 8-bit CMOS microcomputer SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3803/04 Group: General Purpose, with Flash RAM size: 256bytes single chip 8-bit CMOS microcomputer RAM size: 640bytes single chip 8-bit CMOS microcomputer RAM size: 896bytes single chip 8-bit CMOS microcomputer RAM size: 512bytes single chip 8-bit CMOS microcomputer RAM size: 384bytes single chip 8-bit CMOS microcomputer RAM size: 1024bytes single chip 8-bit CMOS microcomputer RAM size: 3804bytes single chip 8-bit CMOS microcomputer RAM size: 192bytes single chip 8-bit CMOS microcomputer
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
E0C6S37 |
Advanced Single-Chip CMOS、Super Low Voltage 4-Bit Microcomputer Consisting of the E0C6200A 4-Bit CMOS Core CPU,SVD Circuit/Comparator,High Quality Display LCD Driver(4位高级的、CMOS、单片微型计算机(含4位E0C62000A中央处理器核SVD电路/比较高质量的LCD驱动器))
|
爱普生(中国)有限公
|
M38067MC-453GP M38063M6-181GP M38067MC-204FP M3806 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer 3806 Series Microcontrollers: General Purpose, Large On-Chip Memory RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
NMC27C64 NMC27C64N200 NMC27C64Q150 NMC27C64NE200 |
65 /536-Bit (8192 x 8) CMOS EPROM IC-64K CMOS PROM 8K X 8 EEPROM 5V, 200 ns, PDIP28 65,536-Bit (8192 x 8) CMOS EPROM 64KBit (8192 x 8) CMOS EPROM [Life-time buy]
|
Fairchild Semiconductor, Corp.
|
IDT7203L20J IDT7203L20JB IDT7204L20J IDT7204L20JB |
CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 CMOS ASYNCHRONOUS FIFO 2048 x 9 4096 x 9 8192 x 9 and 16384 x 9 RES,SMD,100,1%,0.063W,0603 High-speed double diode - Cd max.: 1.5 pF; Configuration: dual c.c. ; IF max: 215 mA; IFSM max: 4 A; IR max: 500@VR=80V nA; IFRM: 500 mA; trr max: 4 ns; VFmax: 1@IF=50mA mV; VR max: 80 V Schottky barrier diode - Cd max.: 100@VR=4V pF; Configuration: single ; IF: 1 A; IFSM max: 25 A; IR max: 1@VR=25V mA; VFmax: 450@IF=1A mV; VR: 25 V CMOS ASYNCHRONOUS FIFO 2048 x 9/ 4096 x 9/ 8192 x 9 and 16384 x 9 Trenchmos (tm) logic level FET - Configuration: Single N-channel ; I<sub>D</sub> DC: 0.34 A; R<sub>DS(on)</sub>: 3900@10V5300@4.5V mOhm; V<sub>DS</sub>max: 60 V 异步FIFO的CMOS 2048 × 9096 × 9192 × 96384 × 9 INSERT, COAX FEMALE STRAIGHTINSERT, COAX FEMALE STRAIGHT; Impedance:50R; Coaxial cable type:RG174AU/RG188AU/RG316AU 16K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 30 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 异步FIFO的CMOS 2048 × 9096 × 9192 × 96384 × 9 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 16K X 9 OTHER FIFO, 50 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 16K X 9 OTHER FIFO, 50 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 16K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 20 ns, PQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 8K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 80 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 80 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 25 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 8K X 9 OTHER FIFO, 20 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 20 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 8K X 9 OTHER FIFO, 50 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 20 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 20 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 65 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 65 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 50 ns, PQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 25 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 50 ns, PQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 65 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 65 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 65 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 80 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 80 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 80 ns, CDIP28
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc. Air Cost Control INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Techn...
|
M6MGB_T166S2BWG M6MGB M6MGT166S2BWG E99007_A |
16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY & CMOS 3.3V-ONLY FLASH MEMORY & CMOS SRAM Stacked-CSP From old datasheet system
|
Mitsubishi
|
|